Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9130 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM9130
Description  Three Output Driver for White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9130 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM9130 Datasheet HTML 1Page - California Micro Devices Corp CM9130 Datasheet HTML 2Page - California Micro Devices Corp CM9130 Datasheet HTML 3Page - California Micro Devices Corp CM9130 Datasheet HTML 4Page - California Micro Devices Corp CM9130 Datasheet HTML 5Page - California Micro Devices Corp CM9130 Datasheet HTML 6Page - California Micro Devices Corp CM9130 Datasheet HTML 7Page - California Micro Devices Corp CM9130 Datasheet HTML 8Page - California Micro Devices Corp CM9130 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
3
CM9130
PRELIMINARY
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V; All outputs are on. Typical values are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
VIN
Supply Voltage Range
2.9
6.0
V
VUVLO
Undervoltage Lockout
All outputs are no load.
1.7
1.8
1.9
V
IQ
Quiescent Current
1x mode
500
μA
ISD
Shutdown Supply Current
VEN < 0.4V
2
10
μA
VOUT Charge Pump
VOUT
Output Voltage
IOUT = 0mA to 120mA,
VIN = 3.0 to 5.5V
4.2
5.5
V
ILED TOT
Total ILED Current
Σ I
LED1 thru ILED3+photoflash
300
mA
ILED
Accuracy of ISET
VIN = 3.0V to 5.5V
1
%
Matching current between LED1
to LED3
VIN = 4.0V, ILED 1,2,3 = 20mA
2
5
%
ILED per driver
Device total ILED < 150mA
50
mA
EN, ISET
VIH
High Level Input Voltage
1.8
VIL
Low Level Input Voltage
0.4
Protection
Over-current Limit
400
mA
Over-temperature Limit
135
°C
Over-temperature Hysteresis
15
°C
Specifications (cont’d)


Similar Part No. - CM9130

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9132-01QE CALMIRCO-CM9132-01QE Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9133 CALMIRCO-CM9133 Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
CM9133-01QE CALMIRCO-CM9133-01QE Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
More results

Similar Description - CM9130

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9140 CALMIRCO-CM9140 Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Asahi Kasei Microsystem...
AP2071 AKM-AP2071 Datasheet
1Mb / 31P
   High Current (8A) white LEDs driver for Flash with I2C
logo
Rohm
BD6581GU-E2 ROHM-BD6581GU-E2 Datasheet
788Kb / 35P
   6-Channel White LED Driver for up to 72 LEDs
logo
Asahi Kasei Microsystem...
AP2071AEN AKM-AP2071AEN Datasheet
1Mb / 31P
   High Current (8A) white LEDs driver for Flash with I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com