Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3202-00SM Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3202-00SM
Description  DDR VDDQ and Termination Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3202-00SM Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3202-00SM Datasheet HTML 1Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 2Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 3Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 4Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 5Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 6Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 7Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 8Page - California Micro Devices Corp CM3202-00SM Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
05/08/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
3
CM3202
PRELIMINARY
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
VIN = 3.3V, typical values are at TA = 25°C (unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
VIN
VIN
Supply Voltage Range
3
3.3
3.6
V
VUVLO
Under-voltage Lockout
All outputs are no load
2.5
V
UVLO Hysterisis
200
mV
IQ
Quiescent Current
VDDQ = 0V, VTT = 0V,
ADJSD = 3.3V (shutdown)
200
mA
VDDQ = 2.5V, VTT = 1.25V, (no load)
5
mA
VDDQ Regulator
Output Current Limit
VOUT = 2.5V
2.8
A
VREF
Reference Voltage
1.235
1.250
1.265
V
IBIAS
Input Bias Current (IADJ)VADJSD = VREF
30
200
nA
VR LOAD
Load Regulation
IO = 10mA to 2A
1
%
VR LINE
Line Regulation
VIN = 3.15V to 3.5V, IO = 10mA
1
%
VDROPOUT
Dropout Voltage
VIN = 3.15V, IO = 2A
500
mV
VTT Regulator
Output Current Limit (Source)
VOUT = 1.25V
2.8
A
Output Current Limit (Sink)
VOUT = 1.25V
2.8
A
VR VTTLOAD
Load Regulation
IO = 0A to 2A
1
%
IO = 0A to -2A
1
%
Over Temperature Protection
Thermal Shutdown Temperature
170
°C
Thermal Shutdown Hysteresis
50
°C
Specifications (cont’d)


Similar Part No. - CM3202-00SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
More results

Similar Description - CM3202-00SM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
California Micro Device...
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Semtech Corporation
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com