Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3131-01SH Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3131-01SH
Description  Triple Linear Voltage Regulator for DDR-I/-II Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3131-01SH Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3131-01SH Datasheet HTML 1Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 2Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 3Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 4Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 5Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 6Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 7Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 8Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
CM3131
1
Triple Linear Voltage Regulator for DDR-I/-II Memory
Features
Integrated power solution for DDR-I and DDR-II
memory systems with few external components
Three all-linear regulators for VDDQ, VTT and
VSTBY power supply applications
Lowest system cost and smallest footprint for
DDR power solutions
VDDQ regulator/driver utilizes external N-FET to
provide up to 15A current at 2.5V/1.8V
VTT source/sink regulator provides up to 2A at
1.25V for DDR-I systems or 0.65A at 0.9V for
the DDR-II memory controller (not DDR-II
memory)
LDO standby regulator provides up to 500mA at
2.5V for DDR-I and at 1.8V for DDR-II systems
Can be ganged for higher current applications
Over temperature and reverse current protection
Over current protection for VSTBY and VTT
regulator
Available in 8 lead and 14 lead PSOP packages
Lead-free versions available
Applications
Desktop PCs, notebooks, and workstations
Set top boxes, digital TVs, printers
Embedded systems
Product Description
The CM3131 family of all-linear regulators provides
an integrated power solution for DDR-I/-II memory
systems in both run-time and standby modes of
operation.
The
CM3131
is
ideal
for
designs
incorporating both a main 3.3V and a standby (3.3V
or
5V)
supply.
The
CM3131
features
three
independent linear regulators for VDDQ, VTT and VSTBY
supply regulation and will maintain an accuracy of
±1% across the operating temperature range.
The CM3131 is offered in two configurations. The
CM3131-01/11 drives a single external N-FET on a
single VDDQ rail. The CM3131-02 drives two external
unmatched N-FETs on two VDDQ rails. Each VDDQ rail
incorporates an adjustment pin (SENSE) to enable
setting VDDQ in the 2.2V to 2.8V range, supporting
DIMMs with different supply requirements or DDR-II
type devices.
The CM3131-01/11 is available in 8-lead PSOP
package and the CM3131-02 is available in 14-lead
PSOP package.
The CM3131 devices are also available with optional
lead-free finishing.
Electrical Schematic


Similar Part No. - CM3131-01SH

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
logo
California Micro Device...
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SB CALMIRCO-CM3132-02SB Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SH CALMIRCO-CM3132-02SH Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
More results

Similar Description - CM3131-01SH

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com