Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM3132 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part No. CM3132
Description  Triple Linear Voltage Regulator for DDR-I Memory and CPU
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo 

CM3132 Datasheet(HTML) 2 Page - California Micro Devices Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/13/04
CM3132
PRELIMINARY
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
8-Lead PSOP
1
2
3
4
8
7
6
5
VCORE
VCC
VDDQ
VTT
SENSE_CORE
GND
EN_CORE
EN_DDR
TOP VIEW
PIN DESCRIPTIONS
PSOP-8
NAME
DESCRIPTION
LEAD
1VCORE
VCORE output.
2VCC
Input supply.
3VDDQ
VDDQ output.
4VTT
VTT output for termination resistors or VREF
5
EN_DDR
Enable DDR power. Active low input.
6
EN_CORE
Enable VCORE. Active low input.
7
GND
Ground reference.
8
SENSE_CORE
Sense input. Adjusts VCORE output voltage using external resistor divider. When tied to
GND, VCORE = 1.5V.
PAD
GND
Tied to ground reference.
PART NUMBERING INFORMATION
Leads
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
8
PSOP-8
CM3132-02SB
CM3132 02SB
CM3132-02SH
CM3132 02SH


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn