Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM3132 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part No. CM3132
Description  Triple Linear Voltage Regulator for DDR-I Memory and CPU
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo 

CM3132 Datasheet(HTML) 6 Page - California Micro Devices Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/13/04
CM3132
PRELIMINARY
Performance Information
Power Supply Ripple Rejection
CCC = 10µF, VCC = 3.3V, ILOAD = 50mA, PSRR measured with 50mV pk-pk sin wave on VCC.
Figure 1. VCORE PSRR (VCORE = 1.5V)
Figure 2. VDDQ PSRR (VDDQ = 2.5V)
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
10000
100000
Frequency (Hz)
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
10000
100000
Frequency (Hz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn