Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3132 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3132
Description  Triple Linear Voltage Regulator for DDR-I Memory and CPU
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3132 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3132 Datasheet HTML 1Page - California Micro Devices Corp CM3132 Datasheet HTML 2Page - California Micro Devices Corp CM3132 Datasheet HTML 3Page - California Micro Devices Corp CM3132 Datasheet HTML 4Page - California Micro Devices Corp CM3132 Datasheet HTML 5Page - California Micro Devices Corp CM3132 Datasheet HTML 6Page - California Micro Devices Corp CM3132 Datasheet HTML 7Page - California Micro Devices Corp CM3132 Datasheet HTML 8Page - California Micro Devices Corp CM3132 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/13/04
CM3132
PRELIMINARY
Specifications (cont’d)
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General Parameters
TOVER
Shutdown Junction Temperature
-
150
-
°C
THYST
Junction Temp Hysterisis
IC in shutdown
-
25
-
°C
ICCN
Normal Mode VCC Supply
Current
EN_DDR = logic "0",
EN_CORE =logic "0"
400
800
µA
ICCQ
Shutdown Mode VCC Supply
Current
EN_DDR = logic "1",
EN_CORE =logic "1"
210
µA
ISENSE IN
SENSE_CORE Input Current
VSENSE_CORE=0.6V
0.1
1.0
µA
VIH
EN_DDR, EN_CORE Input
High Threshold
VCORE=3.3V
2.0
V
VIL
EN_DDR, EN_CORE Input
Low Threshold
VCORE=3.3V
0.4
V
UVLO
Under Voltage Lock-Out
IDDQ = 10mA
1.8
V
tRISE
VDDQ, VCORE Rise TIme
VCC = 3.3V, CLOAD = 10µF0.5
ms
VDDQ Regulator Parameters
VCC MIN
Input Voltage
VDDQ = 2.5V, IDDQ = 1.5A, Note 2
2.80
V
VDDQ DEF Default Output Voltage
IDDQ = 0.01A, 2.8V
VCC 3.6V,
Note 2
2.45
2.50
2.55
V
VDDQ LD
Load Regulation
TA = 25°C, VCC = 3.3V,
0.01A
IDDQ 1.5A, Note 2
--
2.5
%
VDDQ LINE Line Regulation
TA = 25°C, IDDQ = 0.01A,
2.8V
VCC 3.6V, Note 2
-1.0
-
1.0
%
eN DDQ
Output Noise Voltage
BW = 10Hz - 100kHz, CDDQ = 10µF49
µ
Vrms
IDDQ LIM
Current Limit
Note 2
1.7
2.0
A
IDDQ SC
Short Circuit Current
VDDQ < 0.3V
0.5
A


Similar Part No. - CM3132

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3131-01SB CALMIRCO-CM3131-01SB Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3131-01SH CALMIRCO-CM3131-01SH Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
More results

Similar Description - CM3132

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Linear Technology
LTM4632 LINER-LTM4632 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com