Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM3132 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part No. CM3132
Description  Triple Linear Voltage Regulator for DDR-I Memory and CPU
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALMIRCO [California Micro Devices Corp]
Homepage  http://www.calmicro.com
Logo 

CM3132 Datasheet(HTML) 3 Page - California Micro Devices Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
10/13/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
CM3132
PRELIMINARY
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD (Human Body Model)
±2000
V
Pin Voltages
VCC
EN_CORE, EN_DDR, SENSE_CORE
VDDQ, VTT
[GND - 0.6] to [+6.5]
[GND - 0.6] to [VCC + 0.6]
[GND - 0.6] to [VCC + 0.6]
V
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
0 to +85
0 to +125
°C
°C
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Ambient Operating Temperature Range
0 to +85
°C
1. VDDQ Regulator
DDR-I Supply Voltage VCC
[VDDQ + 0.3] to 3.6
V
Load Current
0 to 1500
mA
CCC, CDDQ
10, 10
µF
2. VTT Regulator
DDR-I Supply Voltage VDDQ
2.3 to 2.8
V
DDR-I Load Current
0 to
±500
mA
CTT
47
µF
3. VCORE Regulator
Core Supply Voltage VCC
[VDDQ or VCORE + 0.3] to 3.6
V
DDR-I Load Current
0 to 1500
mA
CCORE
10
µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn