![]() |
Electronic Components Datasheet Search |
|
CM3131 Datasheet(PDF) 6 Page - California Micro Devices Corp |
|
CM3131 Datasheet(HTML) 6 Page - California Micro Devices Corp |
6 / 10 page ![]() © 2004 California Micro Devices Corp. All rights reserved. 02/02/04 430 N. McCarthy Blvd., Milpitas, CA 95035-5112 Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com CM3131 6 Specifications ABSOLUTE MAXIMUM RATINGS PARAMETER RATING UNITS ESD (Human Body Model) ± 2000 V VCC, VSTBY, DRIVEx (GND – 0.6) to (+6.5) V SEL, SENSEx (GND – 0.6) to (VCC + 0.6) V VDDQX, VTT (GND – 0.6) to (VCC + 0.6) V Operating Temperature Range Ambient 0 to +70 °C Junction 0 to +125 °C Storage Temperature Range -40 to +150 °C STANDARD OPERATING CONDITIONS PARAMETER RATING UNITS Temperature Range (Ambient) 0 to +70 °C 1. VDDQ Regulator-Driver Supply Voltage VCC 2.8 to 3.6 V Load Current 0 to 15 A CCC, CDDQ 4.7, 220 µF 2. VTT Regulator Supply Voltage VDDQ 1.8 or 2.5 V Load Current 0 to +/- 0.9 or +/- 2.0 A CTT 220 µF 3, VSTBY Regulator Supply Voltage VSTBY 3.0 to 5.5 V Load Current 0 to 500 mA |