Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1452-08CP Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1452-08CP
Description  LCD & Camera EMI Filter Array with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1452-08CP Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1452-08CP Datasheet HTML 1Page - California Micro Devices Corp CM1452-08CP Datasheet HTML 2Page - California Micro Devices Corp CM1452-08CP Datasheet HTML 3Page - California Micro Devices Corp CM1452-08CP Datasheet HTML 4Page - California Micro Devices Corp CM1452-08CP Datasheet HTML 5Page - California Micro Devices Corp CM1452-08CP Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRELIMINARY
© 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
PRINTED CIRCUIT BOARD RECOMMENDATIONS
Pad size in PCB
0.240mm
Pad Shape
Round
Pad Definition
Non Solder Mask Defined Pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.300mm (round)
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Bond Trace Finish
OSP (Entek Cu Plus 106A)
Tolerance – Edge to Corner Ball
50µm
Solder Ball Side Coplanarity
20µm
Soldering Minimum Temperature
205’C for at least 30 seconds
Maximum Dwell Time above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
260’C for at less than 2 minutes


Similar Part No. - CM1452-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1452-08CP ONSEMI-CM1452-08CP Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1452-08CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com