Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1452-06CP Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1452-06CP
Description  LCD & Camera EMI Filter Array with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1452-06CP Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1452-06CP Datasheet HTML 1Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 2Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 3Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 4Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 5Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRELIMINARY
© 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CM1452
LCD & Camera EMI Filter Array with ESD Protection
Features
Applications
4, 6 and 8 channels of EMI filtering
15kV ESD protection
(IEC 61000-4-2, contact discharge)
30kV ESD protection (HBM)
Greater than 30dB of attenuation at 1GHz
Chip Scale Package (CSP) with 0.40mm pitch and
0.25mm CSP solder ball which features extremely
low parasitic inductance for optimum filter and ESD
performance
OptiGuard Coating for improved reliability at assembly
Lead-free version available
LCD and Camera data lines in mobile
handsets
I/O port protection for mobile handsets,
notebook computers, PDAs etc.
EMI filtering for data ports in cell phones,
PDAs or notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
General Description
California Micro Devices’ CM1452 is a family of pi-style EMI filter arrays with ESD protection, which
integrates four, six and eight filters (C-L-C) in CSP form factor with 0.40mm pitch. Each EMI filter channel
of the CM1452 is implemented as a 3-pole L-C filter where the component values are 20pF-17nH-20pF.
The CM1452’s roll-off frequency at -6dB attenuation is 330MHz and can be used in applications where the
data rates are as high as 132Mbps while providing greater than 30dB over the 800MHz to 2.7GHz
frequency range.
The parts include ESD diodes on every I/O pin, which provide a very high level of
protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The
ESD protection diodes connected to the filter ports are designed and characterized to safely dissipate ESD
strikes of 15kV, beyond the maximum requirement of the IEC61000-4-2 international standard. Using the
MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for
contact discharges at greater than 30kV.
This device is particularly well suited for wireless handsets, mobile LCD modules and PDAs because of its
small package format and easy-to-use pin assignments. In particular, the CM1452 is ideal for EMI filtering
and protecting data and control lines for the LCD display and camera interface in mobile handsets.
The CM1452 incorporates OptiGuard which results in improved reliability at assembly. The CM1452 is
available in a space saving, low profile Chip Scale Package with optional lead-free finishing
(95.5Sn/3.8Ag/0.7Cu). It is manufactured with a 0.40mm pitch and 0.25mm CSP solder ball to provide up
to 28% board space savings vs. competing CSP devices with 0.50mm pitch and 0.30mm CSP solder ball.
Schematic Diagram
CM1452 schematic diagram of 3-pole L-C filter array with ESD.


Similar Part No. - CM1452-06CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1452-06CP ONSEMI-CM1452-06CP Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1452-06CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com