Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1442-08CS Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM1442-08CS
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1442-08CS Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM1442-08CS Datasheet HTML 3Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 4Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 5Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 6Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 7Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 8Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 9Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 10Page - California Micro Devices Corp CM1442-08CS Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/08/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
11
CM1442
Mechanical Details (cont’d)
CM1442-08 Mechanical Specifications
The package dimensions for the CM1442-08 are pre-
sented below.
Package Dimensions for
CM1442-08 Chip Scale Package
CSP Tape and Reel Specifications
Figure 14. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
15
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
3.115
3.160
3.205 0.1226 0.1244 0.1262
A2
1.008
1.053
1.098 0.0397 0.0415 0.0432
B1
0.395 0.4000 0.405 0.0156 0.0157 0.0159
B2
0.195 0.2000 0.205 0.0076 0.0078 0.0080
B3
0.3415 0.3465 0.3515 0.0134 0.0136 0.0138
B4
0.3415 0.3465 0.3515 0.0134 0.0136 0.0138
C1
0.130 0.1800 0.230 0.0051 0.0071 0.0091
C2
0.130 0.1800 0.230 0.0051 0.0071 0.0091
D1
0.575
0.644
0.714 0.0226 0.0254 0.0281
D2
0.368
0.419
0.470 0.0145 0.0165 0.0185
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
C
3456
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
12
B2
78
B
A
OptiGuardTM
Coating
0.25 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE
WIDTH W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CM1442-08
3.16 X 1.053 X 0.644
3.28 X 1.32 X 0.81
8mm
178mm (7")
3500
4mm
4mm
Top
For Tape Feeder Reference
Cover
Tape
P1
Only including Draft.
Concentric Around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1442-08CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1442-08CS ONSEMI-CM1442-08CS Datasheet
549Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1442-08CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com