Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXA2500G Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. MXA2500G
Description  Improved, Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXA2500G Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MEMSIC MXA2500G/M Rev. E
Page 5 of 8
1/19/2005
TYPICAL CHARACTERISTICS OVER TEMPERATURE ( 0°C to 70°C, Vdd = 5V , unless specified)
0%
5%
10%
15%
20%
25%
30%
35%
40%
milli-g / °C
Graph 9. Distribution of AOUTX 0g offset over temperature
0%
5%
10%
15%
20%
25%
30%
35%
40%
milli-g / °C
Graph 10. Distribution of AOUTY 0g offset over temperature
-100
-80
-60
-40
-20
0
20
40
60
80
100
0°C
10°C 20°C 30°C 40°C 50°C 60°C 70°C
Graph 11. Examples of AOUTX 0g offset vs. temperature
-100
-80
-60
-40
-20
0
20
40
60
80
100
0°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
Graph 12. Examples of AOUTY 0g offset vs. temperature
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
0°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
Graph 13. Examples of AOUTX Sensitivity change over temperature
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
0°C
10°C
20°C
30°C
40°C
50°C
60°C
70°C
Graph 14. Examples of AOUTY Sensitivity change over temperature


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn