Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1402-03CP Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1402-03CP
Description  SIM Card EMI Filter Array with ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1402-03CP Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1402-03CP Datasheet HTML 1Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 2Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 3Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 6Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 7Page - California Micro Devices Corp CM1402-03CP Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/02/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1402
SIM Card EMI Filter Array with ESD Protection
Features
Functionally and pin compatible with CMD’s
CSPEMI400
OptiGuard
coated for improved reliability at
assembly
Three channels of EMI filtering, each with ESD
protection
Two additional channels of ESD-only protection
±10kV ESD protection (IEC 61000-4-2, contact
discharge) on all pins
±25kV ESD protection (HBM)
Greater than 30dB of attenuation at 1GHz
10-bump, 1.960mm x 1.330mm footprint Chip
Scale Package (CSP)
Chip Scale Package features extremely low
lead inductance for optimum filter and ESD
performance
Lead-free version available
Applications
SIM Card slot in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs, etc.
EMI filtering for data ports in cell phones, PDAs or
notebook computers
Product Description
CAMD's CM1402 is an EMI filter array with ESD pro-
tection, which integrates three pi filters (C-R-C) and
two additional channels of ESD protection.
The
CM1402 has component values of 20pF-47
Ω-20pF,
and 20pF-100
Ω-20pF. The parts include avalanche-
type ESD diodes on every pin, which provide a very
high level of protection for sensitive electronic compo-
nents that may be subjected to electrostatic discharge
(ESD). The ESD diodes connected to the filter ports
are designed and characterized to safely dissipate
ESD strikes of
±10kV, beyond the maximum require-
ment of the IEC 61000-4-2 international standard.
Using the MIL-STD-883 (Method 3015) specification
for Human Body Model (HBM) ESD, the pins are pro-
tected for contact discharges at greater than
±25kV.
The ESD diodes on pins A4 and C4 ports are designed
and characterized to safely dissipate ESD strikes of
±10kV, well beyond the maximum requirement of the
IEC 61000-4-2 international standard.
This device is particularly well suited for portable elec-
tronics (e.g. mobile handsets, PDAs, notebook com-
puters) because of its small package format and easy-
to-use pin assignments. In particular, the CM1402 is
ideal for EMI filtering and protecting data lines from
ESD for the SIM card slot in mobile handsets.
The CM1402 incorporates OptiGuard
coating which
results in improved reliability at assembly.The CM1402
is available in a space-saving, low-profile Chip Scale
Package with optional lead-free finishing.
Electrical Schematic
R1
C
C
C1
B1,B2
GND
A1
R2
C
C
C2
A2
CC
C4
A4
R1
C
C
C3
A3
R1=100Ω
R2=47Ω


Similar Part No. - CM1402-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1402-03CP ONSEMI-CM1402-03CP Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
More results

Similar Description - CM1402-03CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Nexperia B.V. All right...
IP4264CZ8-10-TTL NEXPERIA-IP4264CZ8-10-TTL Datasheet
457Kb / 16P
   Integrated (U)SIM card passive filter array with ESD protection
logo
California Micro Device...
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com