Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1293-02SR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1293-02SR
Description  2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1293-02SR Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1293-02SR Datasheet HTML 1Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 2Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 3Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 4Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 5Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 6Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 7Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 8Page - California Micro Devices Corp CM1293-02SR Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
01/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1293
2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
Features
2, 4, and 8 channels of ESD protection
Provides ESD protection to IEC61000-4-2
- 8kV contact discharge
- 15kV air discharge
Low loading capacitance of 2.0pF max.
Low clamping voltage
Channel I/O to I/O capacitance 1.5pF typical
Zener diode protects supply rail and eliminates the
need for external by-pass capacitors
Each I/O pin can withstand over 1000 ESD strikes
Available in SOT, and MSOP packages
Lead-free version available
Applications
DVI ports, HDMI ports in notebooks, set top boxes,
digital TVs, LCD displays
Serial ATA ports in desktop PCs and hard disk
drives
PCI Express ports
General purpose high-speed data line ESD
protection
Product Description
The CM1293 family of diode arrays has been designed
to provide ESD protection for electronic components or
sub-systems requiring minimal capacitive loading.
These devices are ideal for protecting systems with
high data and clock rates or for circuits requiring low
capacitive loading. Each ESD channel consists of a
pair of diodes in series which steer the positive or neg-
ative ESD current pulse to either the positive (VP) or
negative (VN) supply rail. A Zener diode is embedded
between VP and VN, offering two advantages. First, it
protects the VCC rail against ESD strikes, and second,
it eliminates the need for a bypass capacitor that would
otherwise be needed for absorbing positive ESD
strikes to ground. The CM1293 will protect against
ESD pulses up to (
±15kV air, ±8kV contact discharge)
per the IEC 61000-4-2 Level 4 standard.
This device is particularly well-suited for protecting sys-
tems using high-speed ports such as USB2.0,
IEEE1394 (Firewire
®, iLink), Serial ATA, DVI, HDMI
and corresponding ports in removable storage, digital
camcorders, DVD-RW drives and other applications
where extremely low loading capacitance with ESD
protection are required in a small package footprint.
The CM1293 family of devices is available with
optional lead-free finishing.
Electrical Schematics
CH1
VP
VN
CM1293-04ST/SO
CH4
CH2
CH3
CH3
CH6
CH4
CH5
CH1
CM1293-08MS/MR
CH8
CH2
CH7
VP
VN
CH1
VP
VN
CM1293-02ST/SO
CH2
CM1293--02SR
CM1293-04MS/MR


Similar Part No. - CM1293-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293-08MR ONSEMI-CM1293-08MR Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1293-02SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com