Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1400-03 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM1400-03
Description  6 Channel EMI Filter Array with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1400-03 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM1400-03 Datasheet HTML 2Page - California Micro Devices Corp CM1400-03 Datasheet HTML 3Page - California Micro Devices Corp CM1400-03 Datasheet HTML 4Page - California Micro Devices Corp CM1400-03 Datasheet HTML 5Page - California Micro Devices Corp CM1400-03 Datasheet HTML 6Page - California Micro Devices Corp CM1400-03 Datasheet HTML 7Page - California Micro Devices Corp CM1400-03 Datasheet HTML 8Page - California Micro Devices Corp CM1400-03 Datasheet HTML 9Page - California Micro Devices Corp CM1400-03 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
8
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/04/05
CM1400-03
Performance Information (cont’d)
Figure 8. Filter Capacitance vs. Input Voltage over Temperature
(normalized to capacitance at 2.5VDC and 25°C)
Figure 9. Resistance vs. Temperature
(normalized to resistance at 25°C)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
01
23
45
DC Input Voltage (V)
T = -40C
T = +25C
T = +70C
0.900
0.920
0.940
0.960
0.980
1.000
1.020
1.040
1.060
1.080
1.100
-40
-20
0
20
40
60
80
100
Temperature ['C]


Similar Part No. - CM1400-03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1400-03 ONSEMI-CM1400-03 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1400-03

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com