Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1230-04 Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CM1230-04
Description  2, 4 and 8-Channel Low Capacitance ESD Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1230-04 Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CM1230-04 Datasheet HTML 3Page - California Micro Devices Corp CM1230-04 Datasheet HTML 4Page - California Micro Devices Corp CM1230-04 Datasheet HTML 5Page - California Micro Devices Corp CM1230-04 Datasheet HTML 6Page - California Micro Devices Corp CM1230-04 Datasheet HTML 7Page - California Micro Devices Corp CM1230-04 Datasheet HTML 8Page - California Micro Devices Corp CM1230-04 Datasheet HTML 9Page - California Micro Devices Corp CM1230-04 Datasheet HTML 10Page - California Micro Devices Corp CM1230-04 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
03/15/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
9
CM1230
PRELIMINARY
Mechanical Details (cont’d)
CSP-6 Mechanical Specifications
The CM1230-04CS/CP is supplied in a 6 bump Chip
Scale Package (CSP). Dimensions are shown below.
For complete information on the CSP, see the Califor-
nia Micro Devices CSP Package Information docu-
ment.
Package Dimensions for
CM1230-04 Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
6
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.915 0.960 1.005 0.0360 0.0378 0.0396
A2
1.415 1.460 1.505 0.0557 0.0575 0.0593
B1
0.495 0.500 0.505 0.0195 0.0197 0.0199
B2
0.495 0.500 0.505 0.0195 0.0197 0.0199
C1
0.180 0.230 0.280 0.0071 0.0091 0.0110
C2
0.180 0.230 0.280 0.0071 0.0091 0.0110
D1
0.575 0.644 0.714 0.0226 0.0254 0.0281
D2
0.368 0.419 0.470 0.0145 0.0165 0.0185
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
1
2
3
B
C1
B1
A1
0.30 DIA.
NOTE: DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
Mechanical Package Diagrams


Similar Part No. - CM1230-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1230-04CP ONSEMI-CM1230-04CP Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
CM1230-04CP ONSEMI-CM1230-04CP Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results

Similar Description - CM1230-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
   2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com