Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1213-06SN Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1213-06SN
Description  1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213-06SN Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1213-06SN Datasheet HTML 1Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 2Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 3Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 4Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 5Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 6Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 7Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 8Page - California Micro Devices Corp CM1213-06SN Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
03/02/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1213
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
PART NUMBERING INFORMATION
Standard Finish
Lead-free Finish
# of Channels
Leads
Package
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
1
3
SOT23-3
CM1213-01ST
D121
CM1213-01SO
D131
2
4
SOT143-4
CM1213-02SS
D122
CM1213-02SR
D132
2
5
SOT23-5
CM1213-02ST
D123
CM1213-02SO
D133
4
6
SOT23-6
CM1213-04ST
D124
CM1213-04SO
D134
4
10
MSOP-10
CM1213-04MS
D124
CM1213-04MR
D134
4
10
MSOP-10
⎯⎯
CM1213-A4MR
S134
6
8
SOIC-8
CM1213-06SN
D126
CM1213-06SM
D136
6
8
MSOP-8
CM1213-06MS
D127
CM1213-06MR
D137
8
10
MSOP-10
CM1213-08MS
D128
CM1213-08MR
D138
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Operating Supply Voltage (VP - VN)6.0
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Voltage at any channel input
(VN - 0.5) to (VP + 0.5)
V
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
Package Power Rating
SOT23-3 Package (CM1213-01ST/SO)
SOT143-4 Package (CM1213-02SS/SR)
SOT23-5 Package (CM1213-02ST/SO)
SOT23-6 Package (CM1213-04ST/SO)
MSOP-8 Package (CM1213-06MS/MR)
MSOP-10 Package (CM1213-08MS/MR, CM1213-04MS/MR, CM1213-A4MR)
SOIC-8 Package (CM1213-06SN/SM)
225
225
225
225
400
400
600
mW
mW
mW
mW
mW
mW
mW


Similar Part No. - CM1213-06SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
More results

Similar Description - CM1213-06SN

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com