Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1215 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM1215
Description  1-, 2- and 4-Channel Low Capacitance ESD Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1215 Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM1215 Datasheet HTML 2Page - California Micro Devices Corp CM1215 Datasheet HTML 3Page - California Micro Devices Corp CM1215 Datasheet HTML 4Page - California Micro Devices Corp CM1215 Datasheet HTML 5Page - California Micro Devices Corp CM1215 Datasheet HTML 6Page - California Micro Devices Corp CM1215 Datasheet HTML 7Page - California Micro Devices Corp CM1215 Datasheet HTML 8Page - California Micro Devices Corp CM1215 Datasheet HTML 9Page - California Micro Devices Corp CM1215 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
06/30/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
7
CM1215
PRELIMINARY
Mechanical Details
The CM1215 is supplied in SOT23-3, SOT143-4,
SOT23-5 and SOT23-6 packages with a lead-free fin-
ishing option. These package drawings are presented
on the following pages.
SOT23-3 Mechanical Specifications
CM1215-01ST/SO devices are packaged in 3-pin
SOT23 packages. Dimensions are presented below.
For complete information on the SOT23-3 package,
see the California Micro Devices SOT23 Package
Information document.
Package Dimensions for SOT23-3.
PACKAGE DIMENSIONS
Package
SOT23-3 (JEDEC name is TO-236)
Pins
3
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.0350
0.0441
A1
0.01
0.10
0.0004
0.0039
b
0.30
0.50
0.0118
0.0197
c
0.08
0.20
0.0031
0.0079
D
2.80
3.04
0.1102
0.1197
E
2.10
2.64
0.0827
0.1039
E1
1.20
1.40
0.0472
0.0551
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.40
0.60
0.0157
0.0236
L1
0.54 REF
0.0213 REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
TOP VIEW
e
E1 E
A
SIDE VIEW
L1
END VIEW
D
A1
c
12
e1
b
L
3


Similar Part No. - CM1215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-01SO ONSEMI-CM1215-01SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-02SO ONSEMI-CM1215-02SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-02SR ONSEMI-CM1215-02SR Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-04SO ONSEMI-CM1215-04SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
More results

Similar Description - CM1215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com