Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143XS3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC143XS3
Description  General Purpose NPN Digital Transistors (Built-in Resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC143XS3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC143XS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC143XS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC143XS3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC143XS3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C370S3
Issued Date : 2002.08.16
Revised Date : 2002.11.02
Page No. : 2/4
DTC143XS3
CYStek Product Specification
Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ. Max.
Unit
Test Conditions
Vi(off)
-
-
0.3
V
Vcc=5V, Io=100uA
Input Voltage
Vi(on)
3
-
-
V
Vo=0.3V, Io=20mA
Output Voltage
Vo(on)
-
0.1
0.3
V
Io/Ii=10mA/0.5mA
Input Current
Ii
-
-
1.8
mA
Vi=5V
Output Current
Io(off)
-
-
0.5
uA
Vcc=50V, Vi=0V
DC Current Gain
Gi
30
-
-
-
Vo=5V, Io=10mA
Input Resistance
R1
3.29
4.7
6.11
k
-
Resistance Ratio
R2/R1
1.7
2.1
2.6
-
-
Transition Frequency
fT
-
250
-
MHz Vce=10V, Ie=-5mA, f=100MHz*
* Transition frequency of the device
Characteristic Curves
DC Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current ---Io(mA)
Vo=5V
Output Voltage vs Output Current
10
100
1000
1
10
100
Output Current ---Io(mA)
Io/Ii=20
Input Voltage vs Output Current (ON
Characteristics)
0.1
1
10
0.1
1
10
100
Output Current --- Io(mA)
Vo=0.3V
Output Current vs Input Voltage (OFF
Characteristics)
0.1
1
10
100
0.1
1
10
Input Voltage --- Vi(off)(V)
Vcc=5V


Similar Part No. - DTC143XS3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XS ROHM-DTC143XS Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC143XSA ROHM-DTC143XSA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143XSA TGS-DTC143XSA Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XSA SECOS-DTC143XSA Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTC143XSA TSC-DTC143XSA Datasheet
201Kb / 2P
   NPN Small Signal Transistor
More results

Similar Description - DTC143XS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC114WS3 CYSTEKEC-DTC114WS3 Datasheet
148Kb / 4P
   General Purpose NPN Digital Transistors (Built-in Resistors)
DTA144TS3 CYSTEKEC-DTA144TS3 Datasheet
144Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144EN3 CYSTEKEC-DTA144EN3_09 Datasheet
257Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA114TS3 CYSTEKEC-DTA114TS3 Datasheet
147Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144EN3 CYSTEKEC-DTA144EN3 Datasheet
148Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3_16 Datasheet
280Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3 Datasheet
151Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com