Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143TS3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # DTC143TS3
Description  PNP Digital Transistors (Built-in Resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC143TS3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  DTC143TS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC143TS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC143TS3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC143TS3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C269S3
Issued Date : 2003.06.12
Revised Date :
Page No. : 4/4
DTA143TS3
CYStek Product Specification
SOT-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0315
0.0433
0.80
1.10
e1
0.0256
-
0.65
-
A1
0.0000
0.0039
0.00
0.10
He
0.0787
0.0886
2.00
2.25
bp
0.0118
0.0157
0.30
0.40
Lp
0.0059
0.0177
0.15
0.45
C
0.0039
0.0098
0.10
0.25
Q
0.0051
0.0091
0.13
0.23
D
0.0709
0.0866
1.80
2.20
v
0.0079
-
0.2
-
E
0.0453
0.0531
1.15
1.35
w
0.0079
-
0.2
-
e
0.0512
-
1.3
-
θ
-
-
10
°
0
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
He
E
A
A1
Q
Lp
e1
e
bp
12
3
D
W
B
v
A
Z
detail Z
A
C
θ
01
2
scale
mm
Style: Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-323 Plastic
Surface Mounted Package
CYStek Package Code: S3
Marking:
TE
6F


Similar Part No. - DTC143TS3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143TS ROHM-DTC143TS Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC143TSA ROHM-DTC143TSA Datasheet
85Kb / 4P
   Digital transistors (built-in resistor)
logo
Jiangsu Changjiang Elec...
DTC143TSA JIANGSU-DTC143TSA Datasheet
115Kb / 2P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143TSA TGS-DTC143TSA Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143TSA SECOS-DTC143TSA Datasheet
129Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC143TS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA143TN3 CYSTEKEC-DTA143TN3 Datasheet
161Kb / 4P
   PNP Digital Transistors (Built-in Resistor)
DTA144TN3 CYSTEKEC-DTA144TN3 Datasheet
141Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
DTA114TN3 CYSTEKEC-DTA114TN3 Datasheet
142Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com