Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPES49-12040-8 Datasheet(PDF) 1 Page - Total Power International

Part # TPES49-12040-8
Description  UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES TPES49 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES49-12040-8 Datasheet(HTML) 1 Page - Total Power International

  TPES49-12040-8 Datasheet HTML 1Page - Total Power International TPES49-12040-8 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION
EXTERNAL ADAPTER SINGLE OUTPUT 45-50 WATTS
SWITCHING POWER SUPPLIES
TPES49 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
DESKTOP IEC320-2P/3P AC RECEPTACLE
MEET MEDICAL STANDARDS EN60601/ UL2601
EMI MEET EN 55022/ FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 or 2P DT8
AC input receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 32A @230Vac.
Input Current: 0.79A@115Vac & 0.37A @230Vac.
Dielectric Withstand: Meet IEC601.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 15mS @115Vac.
60mS @230Vac.
Over Temp. Protection: Optional (NTC ckt.).
Earth Leakage: Less than 0.1 mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 45-50Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1% typical.
Load Regulation: ±1.5-3.0% typical.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in by latch circuit.
Adjustability: Factory set.
Over Current Protection (OCP): Installed.
Current limiting can be set precisely as per request.
GENERAL SPECIFICATION
Efficiency: 85-87% typical.
Switching Frequency: Typ. 85 ~ 110K Hz.
Circuit Topology: Fixed Frequency flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety Standard: Medical standards IEC601/EN60601/
UL2601, Class I for DT7, or Class II for DT8 type.
Power Density: 3.3Watts. / Cubic Inch.
Operating Temperature: 0 to +40°C
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
Note: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m)cord AWG#18 wires.
For the details of safety approval, please consult the factory.
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - TPES49-12040-8

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES09 TOTAL-POWER-TPES09 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-1 TOTAL-POWER-TPES09-050160-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-11 TOTAL-POWER-TPES09-050160-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-1 TOTAL-POWER-TPES09-050180-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-11 TOTAL-POWER-TPES09-050180-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
More results

Similar Description - TPES49-12040-8

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES49 HITRON-HES49 Datasheet
80Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES
HES22 HITRON-HES22 Datasheet
99Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES
HEMG75 HITRON-HEMG75 Datasheet
81Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES22 TOTAL-POWER-TPES22 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
logo
HITRON ELECTRONICS CORP...
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HEMP100G HITRON-HEMP100G Datasheet
80Kb / 2P
   HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com