Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPES10-13808-0-D Datasheet(PDF) 1 Page - Total Power International

Part # TPES10-13808-0-D
Description  UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES10-13808-0-D Datasheet(HTML) 1 Page - Total Power International

  TPES10-13808-0-D Datasheet HTML 1Page - Total Power International TPES10-13808-0-D Datasheet HTML 2Page - Total Power International TPES10-13808-0-D Datasheet HTML 3Page - Total Power International TPES10-13808-0-D Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT &
DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS
SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
FEATURES:
UNIVERSAL INPUT
WALLMOUNT OR DESKTOP ADAPTOR
DIVERSE AC PLUG AVAILABLE
TO MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022/FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 10 ~ 12Watts typical.
Output Connector: Optional.
Line Regulation: 0.1% typical.
Load Regulation for TPES10 and TPES10B Single O/P:
±1.5 ~ 3.0% typical.
Load Regulation for TPES10 Series Dual O/P:
Main O/P VO1 ±1.5 ~ 3.0% typical.
Aux. O/P VO2 ±3.0 ~ 5.0% typical.
Noise & Ripple: Typical 1.0 % peak to peak.
OVP: Built-in, Zener diode clamp.
Overload Protection: Typ.125-150% of max. power overrange
or short circuit, power foldback & self-recovering.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage For TPES10 Series: 90-264Vac typical.
Input Voltage For TPES10B Series: 90-132Vac typical.
Input Connector for TPES10 Series:
Wallmount Format: WM0,1,2 (USA/Japan)/ WM3 (Euro-stecker)/
WM4 (Schuko-stecker)/ WM5(UK)/WM6, 6G(Australia)
Desktop Format: IEC320 Inlet Type DT7-3P or DT8-2P.
Mouse Power Pig-Tail: PT1/2/3/4/5/6/7.
Input Connector for TPES10B Series: WM1 (USA/Japan) only.
Input Frequency: 47 ~ 63Hz.
Inrush Current: Typical 48A @230Vac or 27.8A @230Vac
by adding thermister.
Input Current: Typical 0.3A@115Vac/0.10A@230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 15mS @115Vac. / 60mS @230Vac typical.
GENERAL SPECIFICATION
Efficiency: 70 ~75% typical.
Switching Frequency: TPES10 approximate 40-50K Hz.
TPES10B approximate 50-200K Hz.
Circuit Topology: Fixed Frequency Flyback ckt. for TPES10 series.
Free Running Flyback ckt.for TPES10B series.
Transient Response: Output voltage returns in less than 3mS
following a 25% load change.
Power Density: 1.3-1.56Watts / Inch3.
Operating Temperature: 0 ~ +40°C.
Storage Temperature: -20°C ~ +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo- plastic enclosure case.
Construction: Wallmount or Desktop Format.
Safety Standard: UL1950/EN60950, Class II.
Class I available for WM2,5,6G /DT7/PT2,4,5,7
Medical Use: TPES10M-12004-G-7 UL2601/EN60601.
Notes: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to
full load (unit ±%). For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft.(2 meters)cord
AWG#18/20 wires with PF or PD type connector.
For the details of safety, please consult the factory
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - TPES10-13808-0-D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES14-10 TOTAL-POWER-TPES14-10 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-10A TOTAL-POWER-TPES14-10A Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-11 TOTAL-POWER-TPES14-11 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-12 TOTAL-POWER-TPES14-12 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
TPES14-14 TOTAL-POWER-TPES14-14 Datasheet
353Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
More results

Similar Description - TPES10-13808-0-D

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com