Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TPDC400P-48B Datasheet(PDF) 1 Page - Total Power International

Part No. TPDC400P-48B
Description  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

TPDC400P-48B Datasheet(HTML) 1 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI
QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING
POWER SUPPLIES TPDC400P-48B SERIES
GENERAL SPECIFICATION
Efficiency: Typ. 81-82 %.
Switching Frequency: 120K Hz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 220mV and
recovers within 0.1mS after 25% load-change.
Safety Standard: IEC60950.
Construction: Eurocard 6U X 8HP X 160mm
CompactPCI format. Front Panel with
Extractor handle.
Operating Temperature: 0 to +50 °C at full load with
specified air flow. Derates linearly to 50% at +70 °C
Storage Temperature: -40 to +85 °C.
Temperature Coefficient: Typ. ±0.02% / °C.
Cooling: At least 400lfm/20cfm moving air is required to
achieve full rating power 400W in a confined area.
Power Density: 4.01 Watts/ Cubic Inch.
Remark: All measurements are at nominal input, full load and +25°C unless otherwise specifications.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Power: Typ. 400-450W continuous.
Output Connector: Positronic 47-Pin PCIH47M400A1.
Line Regulation: Typ. 0.1%.
Load Regulation: VO1 & VO2 typ. ±0.5-1.0%.
VO3 & VO4 typ. ±1.0-4.0%.
Noise & Ripple: Typ. 1% peak-peak or 50mV,which is greater.
OVP: Built-in at all outputs.(Latch).
Adjustability: Available at VO1,VO2 & VO3.
Output Trim: Electrical trim available at VO1/VO2.[ADJ #].
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Available with OR-ing diodes at all outputs
for N+1 redundancy.
Current Sharing: Third-wire current sharing at VO1,2&3.
Power OK Signal: Available for all outputs.
Over Current Protection (OCP): Installed at each rail.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 36-72Vdc,nominal input 48Vdc.
OVP shutdown at 75Vdc & UVP shutdown at 36Vdc.
Input Connector: Positronic 47-pin PCIH47M400A1.
Soft Start: Installed.
Inrush Current: Typ. 7.2A @ 72Vdc.(Active).
Input Current: 11.8A @ nominal input 48Vdc.
Dielectric Withstand: Meet IEC950 regulation.
Transient Protection: MOV withstands transient as
specified by EN61000-4-4 level 3.
EMI: Meet CISPR EN55022 Class B.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection (OTP): Installed NTC for thermal sensor
at [DEG#] pin. Thermostat will
shutdown the PSU if >100°C.
Overload Protection (OLP): Fully protected against output
overload or short circuit. Typ. set at 120-150% max. load.
Consult the factory for special OLP setting.
FEATURES:
400W 6U X 8HP EUROCARD PACKAGE
36-72VDC NOMINAL 48VDC INPUT
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
HOT-SWAPPABLE
THIRD-WIRE CURRENT SHARING
EMI MEET EN 55022 CLASS B
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
TOTAL POWER INT'L
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPDC250P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES 1 2 Total Power International
TPDC300P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES 1 2 Total Power International
TPDC500P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES 1 2 Total Power International
TPDC200P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES 1 2 Total Power International
TPDC202P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B 1 2 Total Power International
TPAC200PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES 1 2 Total Power International
TPAC250PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES 1 2 Total Power International
TPAC300PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES 1 2 Total Power International
TPAC500PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES 1 2 Total Power International
TPAC400PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 SWITCHING POWER SUPPLIES TPAC400P SERIESWATTS ACTIVE CURRENT SHARING 1 2 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn