Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TPDC200P-48B Datasheet(PDF) 1 Page - Total Power International

Part No. TPDC200P-48B
Description  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

TPDC200P-48B Datasheet(HTML) 1 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP
CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING
SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
FEATURES:
200W IN 3U X 8HP EUROCARD PACKAGE
CompactPCI DC-DC CONVERTER
INTERNAL OR-ING DIODES FOR
N+1 REDUNDANCY
DROOP CURRENT SHARING
HOT-SWAPPABLE
EMI MEET EN55022/FCC CLASS B
CE MARKING COMPLIANCE
FULLY COMPLIANT WITH PICMG
GENERAL SPECIFICATION
Efficiency: Typ. 79%.
Switching Frequency: 130 KHz.
Circuit Topology: Forward circuit.
Transient Response: Peak transient less than 200mV and
recovers within 3mS after 25% load-change.
Safety Standard: IEC950/ UL1950.
Construction: Eurocard 3U x 8HP x 160mm
CompactPCI format. Front Panel with either
Ordinary handle or Extractor handle.
Operating Temperature: 0 to +50°C at full load with
specified air flow. Derates linearly to 50% at +70°C.
Storage Temperature: -40 to +85°C.
Temperature Coefficient: Typ. ±0.02% /°C.
Cooling: At least 20 cfm (600 lfm) moving air is
required to achieve full rating power.
Power Density: 3.7 Watts / Cubic Inch.
Note: All measurements are at nominal input, full load, and +25°C unless otherwise specifications.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 36-72Vdc nominal 48Vdc.
Input Connector: Positronic 47-pin PCIH47M400A1.
Inrush Current: Cold start 8A @ 72 Vdc. (Active)
Input Current: 4.5A @ nominal 48Vdc.
Dielectric Withstand: Meet IEC950 regulation.
EMI: Meet CISPR EN55022 & FCC Class B.
Remote ON/OFF: Available at [INH#] & [EN#] pins.
Power Fail Signal: Available at [FAL#] pin.
Status LED: <Green> means valid input voltage.
<Amber> means a critical fault.
Thermal Protection: Installed NTC for thermal
sensor at [DEG#] pin.
Overload Protection (OLP): Fully protected against
output oveload or short circuit.
Typ. set at 150% max. load.
Consult the factory for special OLP setting.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 200W continuous.
Output Connector: Positronic 47-pin PCIH47M400A1.
Line Regulation: Typ. 0.5% over DC input range.
Load Regulation: Typ. ±1.0-2.0%.
Noise & Ripple: Typ. 1% peak to peak or 50mV,
which is greater.
OVP: Built-in at VO1 & VO2.
Adjustability: Available at VO1 & VO2. VO3 factory set.
Remote Sensing: Available at VO1,VO2 & VO3.
Hot-Swap: Available.
N+1 Redundancy: Installed with internal OR-ing diodes
at all outputs for N+1 redundancy operation.
Current Sharing: Droop current sharing method
for all outputs.
TOTAL POWER INT'L
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPDC400P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES 1 2 Total Power International
TPDC500P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES 1 2 Total Power International
TPDC250P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES 1 2 Total Power International
TPDC300P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES 1 2 Total Power International
TPDC202P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B 1 2 Total Power International
TPAC200PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES 1 2 Total Power International
TPAC500PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES 1 2 Total Power International
TPAC250PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES 1 2 Total Power International
TPAC300PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES 1 2 Total Power International
TPAC175PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SE 1 2 Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn