Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RB520S-30C2 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part No. RB520S-30C2
Description  Small Signal Schottky diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

RB520S-30C2 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  RB520S-30C2 Datasheet HTML 1Page - Cystech Electonics Corp. RB520S-30C2 Datasheet HTML 2Page - Cystech Electonics Corp. RB520S-30C2 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C302C2-A
Issued Date : 2004.02.11
Revised Date :
Page No. : 3/3
RB520S-30C2
CYStek Product Specification
SOD-523 Dimension
*: Typical
Millimeters
Millimeters
DIM
Min
.Max.
DIM
Min.
Max.
A
0.5
0.7
E
0.7
0.9
bp
0.25
0.35
HE
1.5
1.7
c
0.1
0.2
V
0.15(typ)
D
1.1
1.3
Notes: 1.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
2.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking Code :
5J
2-lead SOD-523 Plastic Package
CYStek Package Code : C2
Style : Pin 1. Cathode 2. Anode
2
1
2
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
1N6263 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
TMBAT49 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
BAS386 Small Signal Schottky Diode 1  2  3  4  5  Vishay Siliconix
BTA54S2 Small Signal Schottky diode 1  2  3  4  Cystech Electonics Corp.
TMBYV10-60 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAR28 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
TMM6263 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn