Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL7915XE3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part No. PL7915XE3
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL7915XE3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL7915XE3 Datasheet HTML 1Page - Cystech Electonics Corp. PL7915XE3 Datasheet HTML 2Page - Cystech Electonics Corp. PL7915XE3 Datasheet HTML 3Page - Cystech Electonics Corp. PL7915XE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C537E3
Issued Date : 2003.04.08
Revised Date :
Page No. : 3/4
PL7915E3
CYStek Product Specification
Characteristic Curves
Average Case Power Dissipation as A Function
of Ambient Temperauture
0.1
1
10
100
25
50
75
100
125
150
Ambient Temperature (ºC)
Peak Output Current as A Function of Input-
Output Differentail Voltage
0
0.5
1
1.5
2
2.5
0
3
6
9
12
15
18
21
24
27
30
Input-Output Voltage Differential
Ripple Rejection as A Function of Frequency
0
20
40
60
80
100
10
100
1000
10000
100000
Frequency
Ripple Rejection as A Function of Output
Voltage
40
50
60
70
80
2
4
6
8
10
12
14
16
18
20
22
Output Voltage
Output Voltage as A Function of Junction
Temperature
6.06
6.1
6.14
6.18
6.22
6.26
-25
0
25
50
75
100
125
175
Junction Temperature (ºC)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC79LXXA 3-Terminal 0.1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
LM7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS7900A 3-Terminal Fixed Negative Output Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
PL7912XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
MC79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
AMC79L05 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7918XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
PL7924XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
KA79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More Boca Semiconductor Corporation
NTE1961 Integrated Circuit Negative 3-Terminal Voltage Regulator 1  2  3  NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn