Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CASD355SG Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CASD355SG
Description  100V/100mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD355SG Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CASD355SG Datasheet HTML 1Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 2Page - Cystech Electonics Corp. CASD355SG Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332SG
Issued Date : 2004.03.26
Revised Date :
Page No. : 3/3
CASD355SG
CYStek Product Specification
SOD-323F Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.090
0.106
2.3
2.7
D
0.028
0.035
0.7
0.9
B
0.045
0.053
1.15
1.35
R
0.02(typ)
0.5(typ)
C
0.012(typ)
0.3(typ)
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
SOD-323F Plastic Surface
Mounted Package
CYStek Package Code:SG


Similar Part No. - CASD355SG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - CASD355SG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
   100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
logo
Cystech Electonics Corp...
CASD355SY CYSTEKEC-CASD355SY Datasheet
146Kb / 3P
   80V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
   0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
   200mA Surface Mount Switching Diode - 100V
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
   150mA Surface Mount Switching Diode- 100V
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com