Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65851FP Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M65851FP
Description  SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65851FP Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M65851FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M65851FP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ELECTRIC
MITSUBISHI
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
(
/ 36 )
M65851FP
MITSUBISHI SEMICONDUCTORS
(SOUND PROCDSSOR ICs)
KARAOKE
50SERIES
SERIES
+4dB
+2dB
0dB
-2dB
-4dB
-6dB
-10dB
-
D9
D10 D11
H
H
H
H
H
L
H
L
H
H
L
L
L
H
H
L
H
L
L
L
H
L
L
L
29
Using an echo volume
Using a microphone volume
Mute OFF
Mute ON
D12 D13
Delay volume
selector
H
L
H
L
Key control
volume set
(when not key
control mode, it
use a echo
volume)
Delay signal
mute
-
-
-
-
Parameter
Function
Parameter
Function
3 Equalizer/Phase shifter mode
D0 D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14
D15
H
L
Phase
shifter
Equalizer
treble
Equalizer
bass
automatic
vocal support
L
H


Similar Part No. - M65851FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
   Single Chip Karaoke Processor
More results

Similar Description - M65851FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
   Single Chip Karaoke Processor
logo
Mitsubishi Electric Sem...
M62427FP MITSUBISHI-M62427FP Datasheet
1Mb / 20P
   SOUND PROCESSOR ICS
logo
Renesas Technology Corp
M65857FP RENESAS-M65857FP Datasheet
2Mb / 8P
   MITUBISHI SOUND PROCESSOR ICS
Rev.2.01 Mar 31, 2008
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
logo
List of Unclassifed Man...
YSS222 ETC-YSS222 Datasheet
411Kb / 10P
   KPB KARAOKE PROCESSOR B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com