Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW5000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part No. MIW5000
Description  10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW5000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW5000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW5000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
87
244
200
2000
5.1
MIW5049
87
243
{33
{333
{15
MIW5047
88
236
{42
{416
{12
MIW5046
87
239
66.6
666
15
MIW5044
87
240
83
833
12
MIW5043
87
239
200
2000
5
MIW5042
85
243
300
3000
3.3
MIW5041
83
40
10
188
300
3000
2.5
48
( 36 ~ 75 )
MIW5040
87
489
200
2000
5.1
MIW5039
87
478
{33
{333
{15
MIW5037
88
473
{42
{416
{12
MIW5036
87
478
66.6
666
15
MIW5034
87
479
83
833
12
MIW5033
87
479
200
2000
5
MIW5032
85
485
300
3000
3.3
MIW5031
83
40
20
377
300
3000
2.5
24
( 18 ~ 36 )
MIW5030
83
1024
200
2000
5.1
MIW5029
86
968
{33
{333
{15
MIW5027
87
957
{42
{416
{12
MIW5026
86
968
66.6
666
15
MIW5024
87
957
83
833
12
MIW5023
83
1004
200
2000
5
MIW5022
82
60
40
1006
300
3000
3.3
12
( 9 ~ 18 )
MIW5021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+60
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused
on the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW5000 Series
2
MINMAX
REV:0 2005/04


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn