Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW4000 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part No. MIW4000
Description  5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo 

MIW4000 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
4:1
EN55022
EMI
I/O Isolation
1500
VDC
More Power
High
Power
Density
Minmax's MIW4000-Series Power modules are low-profile
dc-dc converters that operate over input voltage ranges of 9-36VDC
and 18-75VDC which provide precisely regulated output voltages of
3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The -40] to +71] operating temperature range makes it ideal
for data communication equipments, mobile battery driven
equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine
control equipments, computer peripheral systems and industrial robot
systems.
The modules have a maximum power rating of 6W and a typical
full-load efficiency of 86%, continuous short circuit, 50mA output
ripple, EN55022 Class A conducted noise compliance minimize
design-in time, cost and eliminate the need for external filtering.
Internal SMD Construction
UL 94V-0 Package Material
Industry Standard Pinout
Temperature Performance -40] to +71]
Complies with EN55022 Class A
CSA1950 Safety Approval
4:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 86%
Key Features
5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 Series
REV:0 2005/04
MINMAX
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn