Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW2100 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part No. MIW2100
Description  3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo 

MIW2100 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
2000
---
---
Short Circuit Input Power
A
0.3
---
---
All Models
Reverse Polarity Input Current
32
---
---
110V Input Models
16
---
---
48V Input Models
8.5
---
---
24V Input Models
Under Voltage Shutdown
34
30
26
110V Input Models
17
15
13
48V Input Models
VDC
9
8.5
8
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
150
---
Switching Frequency
pF
13
7
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
uA
2
---
---
240VAC, 60Hz
Leakage Current
VDC
---
---
5000
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
4200
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.05
{0.02
---
Temperature Coefficient
%
{6
{3
---
Transient Response Deviation
uS
500
150
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
180
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
150
100
---
Other Output Models
mV P-P
100
75
---
5V Output Models
Ripple & Noise (20MHz)
%
{1.0
{0.5
---
Io=100% to 25%
Load Regulation
%
{0.5
{0.3
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
# For each output
uF
220
220
470
1000
Maximum Capacitive Load
Unit
{15V #
{12V #
12V
5V
Models by Vout
Capacitive Load
300mA Slow - Blow Type
500mA Slow - Blow Type
1000mA Slow - Blow Type
110V Input Models
48V Input Models
24V Input Models
Input Fuse Selection Guide
MIW2100 Series
REV:0 2005/04
MINMAX
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn