Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW2100 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part No. MIW2100
Description  3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo 

MIW2100 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PWM
Isolation
Ref.Amp
-Vo
+Vo
LC
Filter
+Vin
-Vin
Block Diagram
EN55022
EMI
Low Profile
I/O Isolation
4200
VDC
Wide Range
4:1
Minmax's MIW2100-Series power modules are specially designed to
provide ultra-high levels of isolation 4200VDC in a low profile 24-pin DIP
package. Operating input voltage ranges of 9-40VDC, 18-80VDC and
36-160VDC which provide precisely regulated output voltages of 5V,
12V, {12V and {15VDC.
The -40] to +75] operating temperature range makes it ideal for
data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 3W and a typical
full-load efficiency of 83%, continuous short circuit, EN55022 Class B
conducted noise compliance minimize design-in time, cost and eliminate
the need for external filtering.
Meets UL1950/EN60950
Low Isolation Capacitance
Low Leakage Current
Temperature Performance -40] to +75]
2.0 mm Min.
All I/O Clearance and Creepage Distance
Complies With EN55022 Class B
4:1 Wide Input Range
MTBF > 1,000,000 Hours
4200VDC Isolation
Efficiency up to 83%
Key Features
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2100 Series
REV:0 2005/04
MINMAX
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn