Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW1500 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part No. MIW1500
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1500 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW1500 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1500 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
300
---
Switching Frequency
pF
500
---
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{6
{3
---
Transient Response Deviation
uS
500
300
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
60
45
---
Ripple & Noise (20MHz)
%
{0.5
{0.2
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{2.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
2000
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
17
11
---
24V Input Models
8.5
6.5
---
12V Input Models
4
3.5
---
5V Input Models
Under Voltage Shutdown
18
12
8
24V Input Models
9
7
4.5
12V Input Models
VDC
4.5
4
3.5
5V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
# For each output
uF
220
220
470
470
Maximum Capacitive Load
Unit
{15V #
{12V #
12V
5V
Models by Vout
Capacitive Load
MIW1500 Series
REV:0 2005/04
MINMAX
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn