Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1044 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW1044
Description  2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1044 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW1044 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1044 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
I/O Isolation
1500
VDC
Low Cost
$
Minmax's MIW1000-Series power modules are low-profile dc-dc
converters that operate over input voltage ranges of 4.5-9VDC,
9-18VDC, 18-36VDC and 36-72VDC which provide precisely regulated
output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC.
The -40] to +71] operating temperature range makes it ideal for
data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 3W and a typical
full-load efficiency of 84%, continuous short circuit, 45mV output ripple,
built-in filtering for both input and output minimize the need for external
filtering.
Interanl SMD Construction
UL 94V-0 Package Material
Industry Standard Pinout
Temperature Performance -40] to +71]
Low Cost
UL1950 Safety Approval
2:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 84%
Key Features
2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MIW1044

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1044 TOTAL-POWER-MIW1044 Datasheet
162Kb / 4P
   MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Minmax Technology Co., ...
MIW1044 MINMAX-MIW1044 Datasheet
290Kb / 4P
   DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
More results

Similar Description - MIW1044

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com