Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW1100 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part No. MIW1100
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1100 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MIW1100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1100 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
Input Voltage (V)
Nom
Low
High
60
70
80
90
100
50
60
70
80
90
Input Voltage (V)
Nom
Low
High
MIW1100 Series
REV:0 2005/04
MINMAX
5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn