Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW1000 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part No. MIW1000
Description  2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo 

MIW1000 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
135mA Slow - Blow Type
350mA Slow - Blow Type
700mA Slow - Blow Type
1500mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
5VDC Input Models
Input Voltage Transient Rating
MIW1000 Series
4
MINMAX
REV:0 2005/04


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn