Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW1000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part No. MIW1000
Description  2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINMAX [Minmax Technology Co., Ltd.]
Homepage  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW1000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
84
75
{10
{100
{15
MIW1047
84
75
{12.5
{125
{12
MIW1046
80
65
{25
{250
{5
MIW1045
84
75
20
200
15
MIW1044
84
75
25
250
12
MIW1043
79
66
50
500
5
MIW1042
76
10
3
55
60
600
3.3
48
( 36 ~ 72 )
MIW1041
82
152
{10
{100
{15
MIW1037
82
152
{12.5
{125
{12
MIW1036
79
132
{25
{250
{5
MIW1035
84
149
20
200
15
MIW1034
84
149
25
250
12
MIW1033
79
132
50
500
5
MIW1032
76
15
5
109
60
600
3.3
24
( 18 ~ 36 )
MIW1031
80
313
{10
{100
{15
MIW1027
80
313
{12.5
{125
{12
MIW1026
77
271
{25
{250
{5
MIW1025
82
305
20
200
15
MIW1024
82
305
25
250
12
MIW1023
78
267
50
500
5
MIW1022
74
30
20
223
60
600
3.3
12
( 9 ~ 18 )
MIW1021
75
800
{10
{100
{15
MIW1017
75
800
{12.5
{125
{12
MIW1016
72
694
{25
{250
{5
MIW1015
77
779
20
200
15
MIW1014
77
779
25
250
12
MIW1013
73
685
50
500
5
MIW1012
70
100
40
566
60
600
3.3
5
( 4.5 ~ 9 )
MIW1011
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
11
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 50%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW1000 Series
2
MINMAX
REV:0 2005/04


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn