Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1000 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MIW1000
Description  2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1000 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MIW1000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MIW1000 Series
REV:0 2005/04
MINMAX
7
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MIW1000

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1000 TOTAL-POWER-MIW1000 Datasheet
162Kb / 4P
   MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000_12 Datasheet
290Kb / 4P
   DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
More results

Similar Description - MIW1000

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com