Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDW1000 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part No. MDW1000
Description  2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDW1000 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MDW1000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MDW1000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
Low Profile
I/O Isolation
1500
VDC
EN55022
EMI
Low Noise
Minmax's MDW1000-Series power modules are low-profile
dc-dc converters that operate over input voltage ranges of
4.5-9VDC, 9-18VDC, 18-36VDC and 36-75VDC which provide
precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V,
{12V and {15VDC.
The MDW1000 series is an excellent selection for data
communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 2W and a typical
full-load efficiency of 81%, continuous short circuit, 30mV output
ripple, built-in filtering for both input and output minimize the need for
external filtering.
Internal SMD Construction
UL 94V-0 Package Material
Complies with EN55022 Class A
Short Circuit Protection
Low Ripple and Noise
CSA1950 Safety Approval
2:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 81%
Key Features
2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 Series
REV:1 2006/03
MINMAX
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn