Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS180-45 Datasheet(PDF) 3 Page - Total Power International

Part # TPS180-45
Description  SWITCHING MODE 180W U CHANNEL POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS180-45 Datasheet(HTML) 3 Page - Total Power International

  TPS180-45 Datasheet HTML 1Page - Total Power International TPS180-45 Datasheet HTML 2Page - Total Power International TPS180-45 Datasheet HTML 3Page - Total Power International TPS180-45 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPS180
SWITCHING MODE 180W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
22A
26.4 A
2.2A
±
5%
±
1%
+12V
Fixed
7.5A
9 A
0.75A
±
5%
±
1%
- 12V
Fixed
1.2A
1.4 A
0.12A
±
10%
±
1%
TPS180-40
- 5 V
Fixed
1.2A
1.4 A
0.12A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
22A
26.4 A
2.2A
±
5%
±
1%
+12V
Fixed
6.3A
7.6 A
0.63A
±
5%
±
1%
- 12V
Fixed
2.2A
2.6 A
0.22A
±
10%
±
1%
TPS180-41
- 5 V
Fixed
2.2A
2.6 A
0.22A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
22A
26.4 A
2.2A
±
5%
±
1%
+12V
Fixed
4.5A
5.4 A
0.45A
±
5%
±
1%
- 15V
Fixed
2.2A
2.6 A
0.22A
±
10%
±
1%
TPS180-42
+15V
Fixed
2.2A
2.6 A
0.22A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
13.5A
16.2A
1.35A
±
5%
±
1%
+12V
Fixed
5.2A
6.2A
0.52A
±
5%
±
1%
- 12V
Fixed
2.2A
2.6A
0.22A
±
10%
±
1%
TPS180-43
- 15V
Fixed
4.5A
5.4A
0.45A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
13A
15.6A
1.3A
±
5%
±
1%
+12V
Fixed
3 A
3.6A
0.3A
±
5%
±
1%
- 12V
Fixed
2.2A
2.6A
0.22A
±
10%
±
1%
TPS180-44
+48V
Fixed
2.2A
2.6A
0.22A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
18 A
21.6A
1.8A
±
5%
±
1%
+12V
Fixed
6.3A
7.6A
0.63A
±
5%
±
1%
- 12V
Fixed
1.2A
1. 4A
0.12A
±
10%
±
1%
TPS180-45
+24V
Fixed
1.8A
2.2A
0.18A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
6 A
7.2A
0.6A
±
5%
±
1%
-15V
Fixed
1.85A
2.2A
0.19A
±
5%
±
1%
+15V
Fixed
1.2A
1.4A
0.12A
±
10%
±
1%
TPS180-46
+24V
Fixed
6 A
7.2A
0.6A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
19A
22.8A
1.9A
±
5%
±
1%
+15V
Fixed
1.65A
2A
0.17A
±
5%
±
1%
- 15V
Fixed
1.65A
2A
0.17A
±
10%
±
1%
TPS180-47
+ 48V
Fixed
1.65A
2A
0.17A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
20A
26A
2A
±
5%
±
1%
+3.3V
Fixed
15A
22.5A
1.5A
±
5%
±
1.5%
+12V
Fixed
2 A
2.6A
0.2A
±
10%
±
1%
TPS180-48Y
-12V
Fixed
2 A
2.6A
0.2A
±
10%
±
1%
210W Typical
+ 5V
±
10% Typical
20A
26A
2A
±
5%
±
1%
+3.3V
Fixed
15A
22.5A
1.5A
±
5%
±
1.5%
+12V
Fixed
2 A
2.6A
0.2A
±
10%
±
1%
TPS180-49Y
+ 24V
Fixed
1 A
1.3A
0.1A
±
10%
±
1%
210W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, input not less nominal line, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version; 25% derated if additional cover.
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com
http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - TPS180-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS180-45 TOTAL-POWER-TPS180-45 Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
More results

Similar Description - TPS180-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
logo
Vitec Power
SIUA180 Vitec-SIUA180 Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for Industrial Equipment
SIUA180-SERIES Vitec-SIUA180-SERIES Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for Industrial Equipment
STUA180-SERIES Vitec-STUA180-SERIES Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for I.T. Equipment
STUA180 Vitec-STUA180 Datasheet
413Kb / 2P
   180W U-Bracket Power Supply for I.T. Equipment
logo
Astrodyne Corporation
SUU180 ASTRODYNE-SUU180 Datasheet
297Kb / 2P
   180W U-bracket Switching Power Supplies For I.T.E
logo
Arch Electronics Corp.
AQFC480U_SERIES ARCH-AQFC480U_SERIES Datasheet
568Kb / 5P
   U Bracket Switching Power Supply
ABR300U ARCH-ABR300U Datasheet
400Kb / 5P
   U Bracket Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com