Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDS100 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # IDS100
Description  10W, Step-Down, Single Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

IDS100 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  IDS100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. IDS100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. IDS100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. IDS100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. IDS100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. IDS100 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
85
490
200
2000
5
IDS122
83
45
331
200
2000
3.3
24
( 16 ~ 28 )
IDS121
93
27
896
200
2000
5
12
( 6 ~ 16.5 )
IDS112
92
21
1434
200
2000
3.3
5
( 4.75 ~ 13.6 )
IDS101
% (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-25
Storage Temperature
]
+70
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
1500
---
Internal Power Dissipation
]
235
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
30
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
16
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 50%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
15
---
12
24V Input Models
6
---
5.5
12V Input Models
VDC
3.9
---
3.5
5V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
IDS100 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - IDS100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
More results

Similar Description - IDS100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
   Isolated 10W Single Output DC/DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com