Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PL7905XE3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part No. PL7905XE3
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL7905XE3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL7905XE3 Datasheet HTML 1Page - Cystech Electonics Corp. PL7905XE3 Datasheet HTML 2Page - Cystech Electonics Corp. PL7905XE3 Datasheet HTML 3Page - Cystech Electonics Corp. PL7905XE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C532E3
Issued Date : 2003.04.08
Revised Date :
Page No. : 4/4
PL7905E3
CYStek Product Specification
TO-220AB Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2197
0.2949
5.58
7.49
I
-
*
0.1508
-
*
3.83
B
0.3299
0.3504
8.38
8.90
K
0.0295
0.0374
0.75
0.95
C
0.1732
0.185
4.40
4.70
M
0.0449
0.0551
1.14
1.40
D
0.0453
0.0547
1.15
1.39
N
-
*
0.1000
-
*
2.54
E
0.0138
0.0236
0.35
0.60
O
0.5000
0.5618
12.70
14.27
G
0.3803
0.4047
9.66
10.28
P
0.5701
0.6248
14.48
15.87
H
-
*
0.6398
-
*
16.25
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
4
Style: Pin 1.Gnd 2.Vin 3.Vout
4.Vin
3-Lead TO-220AB Plastic Package
CYStek Package Code: E3
Marking:
7905


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC79LXXA 3-Terminal 0.1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
LM7905 3-Terminal 1A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
TS7900A 3-Terminal Fixed Negative Output Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
PL7915XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
MC79MXX 3-Terminal 0.5A Negative Voltage Regulator 1  2  3  4  5  More Fairchild Semiconductor
AMC79L05 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More List of Unclassifed Manufacturers
PL7918XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
PL7924XE3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR 1  2  3  4  Cystech Electonics Corp.
KA79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR 1  2  3  4  5  More Boca Semiconductor Corporation
NTE1961 Integrated Circuit Negative 3-Terminal Voltage Regulator 1  2  3  NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn