Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPAM10S-050200 Datasheet(PDF) 2 Page - Total Power International

Part # TPAM10S-050200
Description  PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM10S-050200 Datasheet(HTML) 2 Page - Total Power International

  TPAM10S-050200 Datasheet HTML 1Page - Total Power International TPAM10S-050200 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

  TP  






"
 




  




        







   



$* +!,-%

 !.
 

 
 
 
 



 
  
TP
    !
  ""
TP
     ##
    
TP
    $$
   $! 
TP
    #%#    $##
TP
   #&    #" 
TP
   # '    #' 
TP
   #    #!#

 
 



/
 


()
  ()
TP
   
$#
  $!" $#
  $!"
TP
    
$##
   $$' $##
   $$'
TP
  
# '
   #'$ # '    #'$
TP
  
#!'
   # # #!'    # #
  
/
  ! !!"  #$ %&"$' 
("! &"$  $) &$!#"!!
*#'" +,-)"../,0


    
/ .% 
$0 
12/ >(;? >(;?
13/ ?; ?;
14/ =?
=?
15/ D)(
D)(
16/ ?
(
17/ (
)(

%8% &93
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Similar Part No. - TPAM10S-050200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM10S-050200 TOTAL-POWER-TPAM10S-050200 Datasheet
437Kb / 2P
   ON-BOARD AC/DC MODULAR POWER SUPPLIES
More results

Similar Description - TPAM10S-050200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAM05S TOTAL-POWER-TPAM05S Datasheet
323Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
TPAM16S TOTAL-POWER-TPAM16S Datasheet
266Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 16-WATTS SINGLE AND DUAL OUTPUT TPAM16S AND TPAM16D SERIES
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S Datasheet
252Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT TPAM15S SERIES
logo
HITRON ELECTRONICS CORP...
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
logo
Total Power Internation...
TPVI10 TOTAL-POWER-TPVI10 Datasheet
317Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
HITRON ELECTRONICS CORP...
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com