Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPAC300P Datasheet(PDF) 2 Page - Total Power International

Part No. TPAC300P
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC300P Datasheet(HTML) 2 Page - Total Power International

  TPAC300P Datasheet HTML 1Page - Total Power International TPAC300P Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.7kg (3.75 lb.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ●⊙★
MODEL NO.
Min. Typ.
Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
TPAC300P-490
2A
20A
+5V
35A
0A
20A +3.3V 25A
0A 10A +12V 12A 15A 0A 0.8A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G VO1 S+ S- Adj. C.S. VO2 S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47
46
45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,24
27
38
39
42
Mating connector: PCIH47F400A1.
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TPAC200P UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES 1  2  Total Power International
TPAC250P UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES 1  2  Total Power International
TPAC500P UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES 1  2  Total Power International
TPAC175P UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SE 1  2  Total Power International
TPAC400P UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 SWITCHING POWER SUPPLIES TPAC400P SERIESWATTS ACTIVE CURRENT SHARING 1  2  Total Power International
TPDC300P-48B 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES 1  2  Total Power International
TPDC250P-48B 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES 1  2  Total Power International
TPDC400P-48B 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES 1  2  Total Power International
TPDC500P-48B 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES 1  2  Total Power International
TPDC200P-48B 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES 1  2  Total Power International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn