Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPAC250P-490 Datasheet(PDF) 2 Page - Total Power International

Part # TPAC250P-490
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC250P SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC250P-490 Datasheet(HTML) 2 Page - Total Power International

  TPAC250P-490 Datasheet HTML 1Page - Total Power International TPAC250P-490 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ●⊙★■=
MODEL NO.
Min.
Typ.
Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
TPAC250P-490(E)
2.0A 25.0A +5V 33.0A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
TPAC250P-490(O) 2.0A 25.0A +5V 33.0A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing. "=" Droop Current Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G
VO1 S+ S- Adj. C.S.
VO2
S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47 46 45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
TPAC250P-490(O)
TPAC250P-490(E)
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Similar Part No. - TPAC250P-490

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC250P-490(E) TOTAL-POWER-TPAC250P-490(E) Datasheet
496Kb / 2P
   MEET IEC 61000-3-2 HARMONIC CORRECTION
TPAC250P-490(O) TOTAL-POWER-TPAC250P-490(O) Datasheet
496Kb / 2P
   MEET IEC 61000-3-2 HARMONIC CORRECTION
More results

Similar Description - TPAC250P-490

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAC250P HITRON-HAC250P Datasheet
318Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC400P HITRON-HAC400P Datasheet
198Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC500P HITRON-HAC500P Datasheet
199Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC301P HITRON-HAC301P Datasheet
333Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 301 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HAC175P HITRON-HAC175P Datasheet
386Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC200P TOTAL-POWER-TPAC200P Datasheet
508Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC200P SERIES
TPAC300P TOTAL-POWER-TPAC300P Datasheet
364Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC300P SERIES
TPAC500P TOTAL-POWER-TPAC500P Datasheet
338Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPAC500P SERIES
logo
HITRON ELECTRONICS CORP...
HAC202P HITRON-HAC202P Datasheet
240Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPAC400P TOTAL-POWER-TPAC400P Datasheet
367Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 SWITCHING POWER SUPPLIES TPAC400P SERIESWATTS ACTIVE CURRENT SHARING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com