Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S2A00R Datasheet(PDF) 2 Page - Total Power International

Part No. S2A00R
Description  S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

S2A00R Datasheet(HTML) 2 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mW
3000
---
Internal Power Dissipation
VDC
55
-0.7
48VDC Input Models
VDC
30
-0.7
24VDC Input Models
VDC
15
-0.7
12VDC Input Models
VDC
7.5
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit.
Max.
Min.
Parameter
Absolute Maximum Ratings
Exceeding these values can damage the module.These are not continuous operating ratings.
Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
60
105
{100
{15
S2A20R
60
105
{125
{12
S2A19R
62
100
200
15
S2A18R
62
100
250
12
S2A17R
60
10
15
105
0
600
5
48
(43.2 ~ 52.8)
S2A16R
60
210
{100
{15
S2A15R
60
210
{125
{12
S2A14R
64
195
200
15
S2A13R
64
195
250
12
S2A12R
60
25
25
210
0
600
5
24
(21.6~26.4)
S2A11R
60
420
{100
{15
S2A10R
60
420
{125
{12
S2A09R
62
400
200
15
S2A08R
62
400
250
12
S2A07R
60
40
50
420
0
600
5
12
(10.8 ~13.2)
S2A06R
60
1000
{100
{15
S2A05R
60
1000
{125
{12
S2A04R
62
960
200
15
S2A03R
62
960
250
12
S2A02R
60
100
100
1000
0
600
5
5
(4.5 ~ 5.5)
S2A01R
Efficiency
% (Typ.)
Reflected
Ripple
Current
mA (Typ.)
Input
Current
No Load
mA (Typ.)
Input
Current
Max. Load
mA (Typ.)
Output
Current
mA (Min.)
Output
Current
mA (Max.)
Output
Voltage
VDC
Input
voltage
VDC
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
---
Humidity
]
+125
---
-40
Storage Temperature
]
+71
---
-25
Operating Temperature
Unit
Max.
Typ.
Min.
Conditions
Parameter
Environmental Specifications
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER INT'L
S2A00R


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn