Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1085-3.5 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # PL1085-3.5
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-3.5 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL1085-3.5 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-3.5 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-3.5 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-3.5 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540E3
Issued Date : 2003.06.24
Revised Date :
Page No. : 3/4
PL1085E3
CYStek Product Specification
Block Diagram
ADJ
GND
VOUT
VIN
55μA
VREF
1.25V
Current Amp.
Thermal
Limit
Current
Limit
For fixed voltage
device


Similar Part No. - PL1085-3.5

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1085-3.5 CYSTEKEC-PL1085-3.5 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-3.5 CYSTEKEC-PL1085-3.5 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-3.5J3 CYSTEKEC-PL1085-3.5J3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1085-3.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com