Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2576-ADJF5 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # PL2576-ADJF5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-ADJF5 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

Back Button PL2576-ADJF5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 9Page - Cystech Electonics Corp. PL2576-ADJF5 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 7/10
PL2576-XXXF5
CYStek Product Specification
Switch Saturation Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
00.5
11.5
22.5
3
Switch Current (A)
150℃
25℃
-55℃
Efficiency
60
65
70
75
80
85
90
95
0
1020
30
4050
Input Voltage (V)
ILOAD = 3A
ILOAD = 0.2A
ILOAD = 0.2A
ILOAD = 3A
5V
15V OUT
TJ = 25℃
Oscillator Frequency
-8
-6
-4
-2
0
2
4
6
8
-75 -50 -25
0
25
50
75
100 125 150
Junction Temperature (℃)
Normalized at 25℃
VIN = 40V
VIN = 12V
Minim um Operating Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
Junction Temperature (℃)
Adjustable version only
VOUT ≒1.23V
ILOAD = 0.5A
Quiescent Current vs Duty Cycle
0
2.5
5
7.5
10
12.5
15
17.5
20
0
20406080
100
Duty Cycle (%)
Adjustable version only
VIN=7V
VIN=40V
ILOAD = 0.5A
Feedback Voltage vs Duty Cycle
-20
-15
-10
-5
0
5
10
15
20
0
2040
6080
100
Duty Cycle (%)
Adjustable version only
ILOAD = 0.5A
VIN=40V
VIN=7V


Similar Part No. - PL2576-ADJF5

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL25-CDA02 P-TEC-PL25-CDA02 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
   LED
PL25-CDG13 P-TEC-PL25-CDG13_14 Datasheet
75Kb / 1P
   Popular 5mm Lens Style flange
PL25-CDR12 P-TEC-PL25-CDR12 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
More results

Similar Description - PL2576-ADJF5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com