Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2950-3.3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL2950-3.3
Description  100mA Low Dropout Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2950-3.3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL2950-3.3 Datasheet HTML 1Page - Cystech Electonics Corp. PL2950-3.3 Datasheet HTML 2Page - Cystech Electonics Corp. PL2950-3.3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C503A3
Issued Date : 2003.03.21
Revised Date :
Page No. : 1/4
PL2950A3
CYStek Product Specification
100mA Low Dropout Voltage Regulators
PL2950-XXA3
FEATURES
APPLICATIONS
• Battery powered systems
• High accuracy output voltage
• Cordless telephones
• Guaranteed 100mA output
• Radio control systems
• Very low quiescent current
• Portable/Palm top/Notebook computers
• Low dropout voltage
• Portable consumer equipment
• Extremely tight load and line regulation
• Portable Instrumentation
• Very low temperature coefficient
• Avionics
• Needs only 1µF for stability
• Automotive Electronics
• Error Flag warns of output dropout
• SMPS Post-Regulator
• Logic-Controlled electronic shutdown
• Voltage Reference
• Output programmable from 1.24 to 29V
PRODUCT DESCRIPTION
ThePL2950-XX is a low power voltage regulator. This device excellent choice for use in battery powered application such as cordless
telephone, radio control systems, and portable computers.
The PL2950-XX features very low quiescent current (75
µA Typ.) and very low drop output voltage (Typ. 40mV at light load and 380mV
at 100mA). This includes a tight initial tolerance of 0.5% typ., extremely good load and line regulation of 0.05% typ., and very low output
temperature coefficient, making the PL2950-XX useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warn of a low output voltage, due to following batteries on input. Other feature
is the logic-compatible shutdown input which enable the regulator to be switched on and off.
The PL2950-XX is offered in 3-pin TO-92 package compatible with other fixed regulator.
Absolute Maximum Ratings
Device Selection Guide
* - other versions are also available
Vout = 2.0V to 5.0V. Please consult factory for
more information
Power Dissipation
Internally Limited
Lead Temperature
(Soldering, 5 seconds)
260℃
Storage Temperature Range
-65
°C to+150°C
Operating Junction Temperature Range -55
°C to +150°C
Input Supply Voltage
-0.3 to +30V
Feedback Input Voltage
-1.5 to +30V
Shutdown Input Voltage
-0.3 to +30V
Error Comparator Output
-0.3 to +30V
Vout
, Volts
Device
2.85*
PL2950-2.85
3.0
PL2950-3.0
3.3
PL2950-3.3
5.0
PL2950
TO-92


Similar Part No. - PL2950-3.3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2951-2.85 CYSTEKEC-PL2951-2.85 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
PL2951-3.0 CYSTEKEC-PL2951-3.0 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
PL2951-3.3 CYSTEKEC-PL2951-3.3 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
PL2951-5.0 CYSTEKEC-PL2951-5.0 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - PL2950-3.3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com