Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2576-3.3F5 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL2576-3.3F5
Description  Simple Switcher 3A Step- Down Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2576-3.3F5 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL2576-3.3F5 Datasheet HTML 1Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 2Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 3Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 4Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 5Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 6Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 7Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 8Page - Cystech Electonics Corp. PL2576-3.3F5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C543F5
Issued Date : 2004.02.27
Revised Date :
Page No. : 1/10
PL2576-XXXF5
CYStek Product Specification
Simple Switcher
3A Step- Down Voltage Regulator
PL2576-XXXF5
Features
3.3V, 5V, 12V, 15V, and adjustable output versions.
Adjustable version output voltage range, 1.23V to 37V±4% max over line
and load conditions.
Guaranteed 3A output current.
Wide input voltage range.
Requires only 4 external components
52 kHz fixed frequency oscillator
TTL shutdown capability, low power standby mode.
High efficiency
Uses readily available standard inductors.
Thermal shutdown and current limit protection.
Description
The PL2576-XXXF5 series of regulators are monolithic integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation.
These devices are available in fixed output voltages of 3.3V, 5V, 12V, 15V, and an adjustable output version.
Requiring a minimum number of external components, these regulators are simple to use and include internal
frequency compensation and a fixed-frequency oscillator.
The PL2576-XXXF5 series offers a high-efficiency replacement for popular three-terminal linear regulators. It
substantially reduces the size of the heat sink, and in some cases no heat sink is required.
A standard series if inductors optimized for use with the PL2576 are available from several different
manufacturers. This feature greatly simplifies the design of switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on output voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency. External shutdown is included, featuring 50µA (typical)
standby current. The output switch includes cycle-by-cycle current limiting, as well as thermal shutdown for full
protection under fault conditions.
Applications
Simple high-efficiency step-down (buck) regulator.
Efficient pre-regulator for linear regulators.
On-card switching regulators.
Positive to negative converter (Buck-Boost).
TO-263-5L


Similar Part No. - PL2576-3.3F5

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL25-CDA02 P-TEC-PL25-CDA02 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
PL25-CDG13 P-TEC-PL25-CDG13 Datasheet
29Kb / 1P
   LED
PL25-CDG13 P-TEC-PL25-CDG13_14 Datasheet
75Kb / 1P
   Popular 5mm Lens Style flange
PL25-CDR12 P-TEC-PL25-CDR12 Datasheet
29Kb / 1P
   5MM (T1쩐) LED
More results

Similar Description - PL2576-3.3F5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com